PART |
Description |
Maker |
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
SPX1084U-5.0 SPX1084 SPX1084AT SPX1084AT-1.5 SPX10 |
1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(5A,低压差稳压器(可调和固定输快速响)
|
EXAR CORP TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX273 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A高电流低压差稳压器可调节 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
SPX2870U-5.0 SPX2870 SPX2870AT SPX2870AT-2.5 SPX28 |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response ENCODER ROTARY 12MM 20PPR W/SW ENCODER ROTARY 12MM VERT 12PPR Analog IC 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 6.5A低压差稳压器可调 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
EXAR CORP SIPEX[Sipex Corporation] Advanced Power Electronics, Corp.
|
AMS2115 AMS2115P-5.0 AMS2115P AMS2115P-1.5 AMS2115 |
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
NCP57152DSADJR4G NCP57152MNADJTYG NCV57152MNADJTYG |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator 1.5A Very Low-Dropout (VLDO) Fast Transient Response Regulator
|
ON Semiconductor
|
LT1764AMPQ LT1764AEFE-2.5TR LT1764AEFE-2.5TRPBF LT |
3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor
|
APL1085 |
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
|
Anpec Electronics Coropration
|
NCV59151DS50R4G NCP59151DS50R4G |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
|
ON Semiconductor
|
APL1541 APL1541-KC-TR APL1541-KC-TRL APL1541-KC-TU |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
|
ANPEC[Anpec Electronics Coropration]
|
NCP58302DSADJR4G NCP58300 |
3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
|
ON Semiconductor
|
LT1585 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
|
LINEAR
|